Part Number Hot Search : 
BR358 WG20232A XDMR20A M12542DD P800B LT1036M SSM9435 L6513
Product Description
Full Text Search
 

To Download STL23NM60ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data this is preliminary information on a new product now in deve lopment or undergoing evaluation. details are subject to change without notice. april 2010 doc id 17439 rev 1 1/11 11 STL23NM60ND n-channel 600 v, 0.150 ? , 19.5 a, fdmesh? ii power mosfet (with fast diode) powerflat? (8x8) hv features the worldwide best r ds(on) * area amongst the fast recovery diode devices 100% avalanche tested low input capacitance and gate charge low gate input resistance high dv/dt and avalanche capabilities application switching applications description the fdmesh? ii series belongs to the second generation of mdmesh? technology. this revolutionary power mosfet associates a new vertical structure to the company's strip layout and associates all advantages of reduced on- resistance and fast switching with an intrinsic fast- recovery body diode.it is therefore strongly recommended for bridge topologies, in particular zvs phase-shift converters. figure 1. internal schematic diagram type v dss (@t jmax ) r ds(on) max i d STL23NM60ND 650 v < 0.180 ? 19.5 a (1) 1. this value is rated according to r thj-case. 3 3 3 ' $ 0ower&,!4?x (6 "ottomview !-v $ ' 3 table 1. device summary order code marking package packaging STL23NM60ND 23nm60nd powerflat? 8x8 hv tape and reel www.st.com
contents STL23NM60ND 2/11 doc id 17439 rev 1 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
STL23NM60ND electrical ratings doc id 17439 rev 1 3/11 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 600 v v gs gate-source voltage 25 v i d (1) 1. the value is rated according to r thj-case drain current (continuous) at t c = 25 c 19.5 a i d (1) drain current (continuous) at t c = 100 c 11.7 a i dm (1),(2) 2. pulse width limited by safe operating area drain current (pulsed) 78 a i d (3) 3. when mounted on fr-4 board of inch2, 2oz cu drain current (continuous) at t c = 25 c 2.75 a i d (3) drain current (continuous) at t c = 100 c 1.75 a i dm (2),(3) drain current (pulsed) 11 a p tot (3) total dissipation at t c = 25 c (steady state) 150 w p tot (1) total dissipation at t c = 25 c (steady state) 3 w i ar avalanche current, repetitive or not- repetitive (pulse width limited by t j max) 9a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 700 mj dv/dt (4) 4. i sd 19.5 a, di/dt 400 a/s, v peak < v (br)dss peak diode recovery voltage slope 40 v/ns t stg storage temperature - 55 to 150 c t j max. operating junction temperature 150 c table 3. thermal data symbol parameter value unit r thj-case thermal resistance junc tion-case max 0.83 c/w r thj-amb (1) 1. when mounted on 1inch2 fr-4 board, 2 oz cu thermal resistance ju nction-amb max 45 c/w t l maximum lead temperature for soldering purposes 300 c
electrical characteristics STL23NM60ND 4/11 doc id 17439 rev 1 2 electrical characteristics (t case = 25 c unless otherwise specified) table 4. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 600 v dv/dt (1) 1. characteristic value at turn off on inductive load drain-source voltage slope v dd = 480 v, i d = 19.5 a, v gs = 10 v 48 v/ns i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating,@125 c 1 100 a a i gss gate body leakage current (v ds = 0) v gs = 20 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 3 4 5 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 10 a 0.150 0.180 ? table 5. dynamic symbol parameter test cond itions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 50 v, f =1 mhz, v gs = 0 - 2050 80 8 - pf pf pf c oss eq. (1) 1. c oss eq. is defined as a constant equi valent capacitance giving t he same charging time as c oss when v ds increases from 0 to 80% v dss equivalent output capacitance v gs = 0, v ds = 0 to 480 v - 318 - pf rg gate input resistance f=1 mhz gate dc bias=0 test signal level=20 mv open drain -4- ? q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 480 v, i d = 19.5 a v gs = 10 v (see figure 3 ) - 70 10 30 - nc nc nc
STL23NM60ND electrical characteristics doc id 17439 rev 1 5/11 table 6. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 300 v, i d = 10 a, r g = 4.7 ?, v gs = 10 v (see figure 2 ) - 25 45 90 40 - ns ns ns ns table 7. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area. source-drain current source-drain current (pulsed) - 19.5 78 a a v sd (2) 2. pulsed: pulse duration = 300s, duty cycle 1.5% forward on voltage i sd = 19.5 a, v gs =0 - 1.3 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 19.5 a, di/dt =100 a/s, v dd = 100 v (see figure 4 ) - 190 1.2 13 ns c a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current v dd = 100 v di/dt =100 a/s, i sd = 19.5 a, t j = 150 c (see figure 4 ) - 260 2.0 15 ns c a
test circuits STL23NM60ND 6/11 doc id 17439 rev 1 3 test circuits figure 2. switching times test circuit for resistive load figure 3. gate charge test circuit figure 4. test circuit for inductive load switching and diode recovery times figure 5. unclamped inductive load test circuit figure 6. unclamped inductive waveform figure 7. switching time waveform am0146 8 v1 v g s p w v d r g r l d.u.t. 2200 f 3 . 3 f v dd am01469v1 v dd 47k ? 1k ? 47k ? 2.7k ? 1k ? 12v v i =20v=v gmax 2200 f p w i g =con s t 100 ? 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 ? a a b b r g g fa s t diode d s l=100 h f 3 . 3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3 . 3 f v dd am01472v1 v (br)d ss v dd v dd v d i dm i d am0147 3 v1 v d s t on td on td off t off t f t r 90 % 10 % 10 % 0 0 90 % 90 % 10 % v g s
STL23NM60ND package mechanical data doc id 17439 rev 1 7/11 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark.
package mechanical data STL23NM60ND 8/11 doc id 17439 rev 1 table 8. powerflat? 8x8 hv mechanical data dim. mm min. typ. max. a 0.80 0.90 1.00 a1 0.02 0.05 b 0.95 1.00 1.05 c0.10 d8.00 e8.00 d2 7.05 7.20 7.30 e2 4.15 4.30 4.40 e2.00 l 0.40 0.50 0.60 figure 8. powerflat? 8x8 hv drawing mechanical data index area top view plane seating 0.08 c bottom view side view pin#1 id d e e b a e2 d2 l 0.40 a1 am05542v1
STL23NM60ND package mechanical data doc id 17439 rev 1 9/11 figure 9. powerflat? 8x8 hv recommended footprint 7. 3 0 4.40 2.00 0.60 1.05 am0554 3 v1
revision history STL23NM60ND 10/11 doc id 17439 rev 1 5 revision history table 9. document revision history date revision changes 28-apr-2010 1 first release
STL23NM60ND doc id 17439 rev 1 11/11 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in military , air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STL23NM60ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X